PART |
Description |
Maker |
1N6114USE3 1N6107USE3 1N6103AUSE3 1N6105AUSE3 1N61 |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
UPT8E3 UPT8E3/TR13 UPTB8E3 UPTB8E3/TR7 |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
30KPA288E3/TR13 30KPA51AE3/TR13 30KPA51CAE3/TR13 3 |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
15KPA18E3/TR13 15KPA200CE3/TR13 15KPA200CAE3/TR13 |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
MASMCG6.0A MASMCG6.0AE3 MASMCG6.0CAE3 MASMCG6.5A M |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
1N5610E3 1N5611E3 1N5612E3 |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
1N6047AE3 1N6047E3 1N6046AE3 1N6046E3 1N6040E3 1N6 |
Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
1N6017A-1TR 1N6012B 1N6000-1TR 1N5989D-1E3TR 1N600 |
51 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 10 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 3.6 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 20 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 47 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 5.6 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 68 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 4.3 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 3.3 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 200 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.8 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 130 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 7.5 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 36 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 75 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 82 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 160 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 150 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Axial-Leaded 500 mW Zener Diodes
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi Corporation
|
SZ5706 SZ5740 SZ5740KS SZ5110 SZ5706-1 SZ5709K SZ5 |
6.8 ?270 VOLTS ZENER DIODES 40 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.0 WATT 6.8 ?270 VOLTS ZENER DIODES 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 45 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 170 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
LCE6.5/TR13 LCE51/TR13 LCE51A/TR13 LCE54A/TR13 LCE |
Low Capacitance TVS Standard Unidirectional and Bidirectional TVS
|
Microsemi
|
PJSOT24C-03 PJSOT05C-03T/R13 |
STANDARD CAPACITANCE TVS ARRAY 250 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE ROHS COMPLIANT PACKAGE-3
|
Pan Jit International Inc.
|
015AZ5.1-Z 015AZ6.8-Y 015AZ6.2-Y 015AZ5.1-Y 015AZ5 |
5.27 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 6.81 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 6.195 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 5.105 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 5.62 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.155 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 7.93 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 6.395 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 8.75 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.27 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.625 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 8.465 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 2.39 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 5.805 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 8.195 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.675 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 4.645 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 4.375 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 3.985 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ESC, 1-1G1A, 2 PIN 11.33 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Toshiba, Corp. Nihon Dempa Kogyo Co., Ltd.
|
|